Part Number Hot Search : 
Z5257B 10200 MB86298 TA78L12S W2040 STC1120 A1727 BL24C256
Product Description
Full Text Search
 

To Download NRE-SX680M6363X7F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
LOW IMPEDANCE, SUBMINIATURE, RADIAL LEADS, POLARIZED ALUMINUM ELECTROLYTIC CAPACITORS FEATURES * VERY LOW IMPEDANCE AT HIGH FREQUENCY * LOW PROFILE 7mm HEIGHT includes all homogeneous materials * WIDE TEMPERATURE, -55OC~ +105OC
*See Part Number System for Details
NRE-SX Series
RoHS Compliant
CHARACTERISTICS
Rated Voltage Range Rated Capacitance Range Operating Temperature Range Max. Leakage Current After 1 minute At 20C Surge Voltage & Max. Tan 6.3 ~ 35Vdc 0.47 ~ 330F -55~+105C 0.01CV or 3A, whichever is greater W.V. (Vdc) S.V. (Vdc) Tan @ 120Hz/20C W.V. (Vdc) Z-40C/Z+20C Z-55C/Z+20C Capacitance Change Tan Leakage Current 6.3 8 0.24 6.3 3 5 10 13 0.20 10 2 4 16 20 0.16 16 2 4 25 32 0.14 25 2 3 35 44 0.12 35 2 3
Low Temperature Stability (Impedance Ratio @ 120Hz) Load Life Test 105C 1,000 Hours
Within +25% of initial measured value Less than 200% of specified value Less than specified value
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)

LEAD SPACING AND DIAMETER (mm)
Case Dia. (D) Leads Dia. (d) Lead Spacing (F) Dim. Dim. 4 0.45 1.5 0.5 1.0 5 0.45 2.0 0.5 1.0 6.3 0.45 2.5 0.5 1.0
Polarity Marking
Insulation Sleeve
d 0.05
F 0.5
L + max.
15mm Min.
4mm Min.
D
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
103
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS D x L (mm)
W.V (Vdc) 6.3 Cap (F) 47 220 330 22 33 10 47 100 150 220 15 22 16 47 100 150 220 10 15 22 25 33 47 68 100 4.7 10 35 15 22 33 47 Code 470 221 331 220 330 470 101 151 221 150 220 470 101 151 221 100 150 220 330 470 680 101 4R7 100 150 220 330 470 Case Size D x L (mm) 5x7 6.3 x 7 6.3 x 7 4x7 5x7 5x7 6.3 x 7 6.3 x 7 6.3 x 7 4x7 5x7 6.3 x 7 6.3 x 7 6.3 x 7 6.3 x 7 4x7 5x7 5x7 6.3 x 7 6.3 x 7 6.3 x 7 6.3 x 7 4x7 5x7 6.3 x 7 6.3 x 7 6.3 x 7 6.3 x 7 Max. Z () 100KHz & 20C 0.49 0.24 0.29 1.15 0.49 0.49 0.24 0.24 0.29 1.15 0.49 0.24 0.24 0.29 0.29 1.15 0.49 0.49 0.24 0.24 0.24 0.24 1.15 0.49 0.29 0.29 0.29 0.29 Max. Ripple Curretn (mA) 100KHz & 105C 160 280 280 90 160 160 280 280 280 90 160 280 280 280 280 90 160 160 280 280 280 280 90 160 280 280 280 280
NRE-SX Series
PART NUMBER SYSTEM
NRE-SX 220 M 35V 6.3x7 F
RoHS Compliant Size (D x L) Rated Voltage Tolerance Code Capacitance Code Series
(R)
104
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRE-SX680M6363X7F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X